unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max KDV214 features high capacitance ratio : c2v/c25v=6.5(typ.) low series resistance : rs=0.4 (typ.) excellent c-v characteristics, and small tracking error. useful for small size tuner. absolute maximum ratings ta = 25 parameter symbol value unit reverse voltage v r 32 v peak reverse voltage v rm 35 (r l =10k ) v junction temperature t j 125 storage temperature range t stg -55to+125 electrical characteristics ta = 25 parameter symbol conditions min typ max unit reverse voltage v r i r =1 a 30 v reverse current i r v r = 28 v 10 na c 2v f=1mhz;v r = 2 v 14.16 16.25 c 25v f=1mhz;v r = 25 v 2.11 2.43 capacitance ratio c 2v /c 25v 5.9 6.5 7.15 series resistance r s v r = 5v, f = 470 mhz 0.4 0.55 note : available in matched group for capacitance to 2.5%. c(max.)-c(min.) c(min.) capacitance 0.025 pf marking marking uo product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123
|